công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

25Q128FVFF bảng dữ liệu(PDF) 85 Page - Winbond

tên linh kiện 25Q128FVFF
Giải thích chi tiết về linh kiện  SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINBOND [Winbond]
Trang chủ  http://www.winbond.com
Logo WINBOND - Winbond

25Q128FVFF bảng dữ liệu(HTML) 85 Page - Winbond

Back Button 25Q128FVFF Datasheet HTML 81Page - Winbond 25Q128FVFF Datasheet HTML 82Page - Winbond 25Q128FVFF Datasheet HTML 83Page - Winbond 25Q128FVFF Datasheet HTML 84Page - Winbond 25Q128FVFF Datasheet HTML 85Page - Winbond 25Q128FVFF Datasheet HTML 86Page - Winbond 25Q128FVFF Datasheet HTML 87Page - Winbond 25Q128FVFF Datasheet HTML 88Page - Winbond 25Q128FVFF Datasheet HTML 89Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 99 page
background image
W25Q128FV
Publication Release Date: May 13, 2016
- 84 -
Revision M
9.6 AC Electrical Characteristics(6)
DESCRIPTION
SYMBOL
ALT
SPEC
UNIT
MIN
TYP
MAX
Clock frequency for all other instructions
2.7V-3.6V VCC & Industrial Temperature
except Read data instructions (03h)
FR
fC1
D.C.
104
MHz
Clock frequency for Read Data instruction (03h)
fR
fC2
D.C.
50
MHz
Clock High, Low Time
for all instructions except for Read Data (03h)
tCLH, tCLL(1)
4
ns
Clock High, Low Time
for Read Data (03h) instruction
tCRLH,
tCRLL(1)
8
ns
Clock Rise Time peak to peak
tCLCH(2)
0.1
V/ns
Clock Fall Time peak to peak
tCHCL(2)
0.1
V/ns
/CS Active Setup Time relative to CLK
tSLCH
tCSS
5
ns
/CS Not Active Hold Time relative to CLK
tCHSL
5
ns
Data In Setup Time
tDVCH
tDSU
2
ns
Data In Hold Time
tCHDX
tDH
3
ns
/CS Active Hold Time relative to CLK
tCHSH
3
ns
/CS Not Active Setup Time relative to CLK
tSHCH
3
ns
/CS Deselect Time (for Read)
tSHSL1
tCSH
10
ns
/CS Deselect Time (for Erase or Program or write)
tSHSL2
tCSH
50
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
tCLQV
tV
7
ns
Output Hold Time
tCLQX
tHO
2
ns
/HOLD Active Setup Time relative to CLK
tHLCH
5
ns
/HOLD Active Hold Time relative to CLK
tCHHH
5
ns
/HOLD Not Active Setup Time relative to CLK
tHHCH
5
ns
/HOLD Not Active Hold Time relative to CLK
tCHHL
5
ns
Continued
– next page AC Electrical Characteristics (
cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com