| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PWT10 bảng dữ liệu(PDF) 2 Page - Electronic devices inc. |
|
|
|||||||||||||||||||||||||||||
PWT10 bảng dữ liệu(HTML) 2 Page - Electronic devices inc. |
|
2 / 2 page ![]() Figure 1 CURRENT DERATING Figure 2 Figure 3 POWER DISSIP ATION IF(AV). AVERAGE FORWARD CURRENT (AMP) 0 0 5 10 15 20 BRIDGE OUTPUT RES.- IND. LOADS 0 5 10 40 60 80 100 120 140 160 3O BRIDGE OUTPUT RES.-IND. LOADS O TC CASE TEMPERATURE ( C) 50 70 90 110 130 150 170 15 20 25 30 180 10 20 30 40 50 25 SCHEMATIC NOTES: 1.Corrosionr esistant terminals designed for .250 female quick connector, wrap around or solder. 2. A thin film of silicone thermal compound is recommended between the Minibridge case and mounting surface for improved thermal conduction. 21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828 ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951. Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com * PWT 30 60 NON- REPETITIVE SURGE CURRENT 200 300 100 50 1 NUMBER OF CYCLES AT 60 C.P.S. 2 4 6 10 20 40 60 8 150 250 350 400 0 + _ AC AC AC . 4 0 6 0.6 MAX. .032 .250 FASTON (5) PLACES .093 DIA. HOLE .75 0.5 1.50 MAX. .312 TYP . .312 TYP. 2.0 MAX. .193 DIA. THRU HOLE (2) PLACES AC + _ AC AC Figure 4 PWT SERIES MECH. OUTLINE R Dielectric test voltage 1500 V RMS max, 50-60 Hz |