| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
POT bảng dữ liệu(PDF) 2 Page - Electronic devices inc. |
|
|
|||||||||||||||||||||||||||||
POT bảng dữ liệu(HTML) 2 Page - Electronic devices inc. |
|
2 / 2 page ![]() NON- REPETITIVE SURGE CURRENT 500 750 250 125 1 NUMBER OF CYCLES AT 60 HZ POT 21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828 ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951. Figure 2 80 60 40 20 0 0 25 50 75 100 125 150 Figure 1 CURRENT DERATING TC TEMPERATURE O(C) 2 4 6 10 20 40 60 8 375 625 875 1000 Ee-mail:sales@edidiodes.com Wwebsite: http://www.edidiodes.com * 120 100 POT 120 POT SERIES MECHANICAL OUTLINE + + + + + + 1.07 (27.17) REF. 0.177(4.50) DIA.(TYP.) 1.75 (44.45) TERMINAL .375(9.53)HEX. WITH 10-32 SCREW 5 PLACES 1.63(41.40) REF. 2.25 (57.15) 1.08 (27.43) MAX. 1.88 (47.40) 0.02(0.51)MIN. 0.177 (4.50) DIMENSIONS IN INCHES (MILLIMETERS) 0.50(12.7) AC AC + AC + - POT 75 POT 100 DIMENSIONS IN INCHES (MILLIMETERS) NOTE: A thin film of silicone thermal compound is recommended between the Bridge case and mounting surface for improved thermal conduction. |