| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CD54HC4351 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CD54HC4351 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 23 page ![]() 2 Functional Diagram ’HC4351, CD74HCT4351 TG TG TG TG TG TG TG 4 A COMMON OUT/IN BINARY TO 1 OF 8 DECODER WITH ENABLE 15 13 12 8 E2 S2 S1 S0 LOGIC LEVEL CONVERSION 20 VCC TG LATCHES 7 E1 11 LE 17 18 19 16 1 6 2 5 A7 A6 A5 A4 A3 A2 A1 A0 CHANNEL IN/OUT 10 9 GND VEE TRUTH TABLE ’HC4351, CD74HCT4351 INPUT STATES (NOTE 1) “ON” SWITCHES LE = H E1 E2 S2 S1 S0 L H LLL A0 LHL L H A1 LHLHL A2 LHLH H A3 LH HL L A4 LH HLH A5 L HHH L A6 L HHHH A7 H L X X X None H = High Voltage Level, L = Low Voltage Level, X = Don’t Care NOTE: 1. When LE is low S0-S2 data are latched and switches cannot change state. FIGURE 1. DETAIL OF ONE HC/HCT4351 SWITCH An IN/OUT P P N N N N VCC VCC VEE FROM SELECT LOGIC CD54HC4351, CD74HC4351, CD74HCT4351, CD74HC4352 |