| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIMXRT8024DAF4A bảng dữ liệu(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT8024DAF4A bảng dữ liệu(HTML) 22 Page - NXP Semiconductors |
|
22 / 119 page ![]() i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024 22 NXP Semiconductors Modules List 3.2 Recommended connections for unused analog interfaces Table 5 shows the recommended connections for unused analog interfaces. JTAG_TRSTB Input 47 kpull-up JTAG_MOD Input 100 kpull-down Table 5. Recommended connections for unused analog interfaces Module Pad Name Recommendations if Unused CCM CCM_CLK1_N, CCM_CLK1_P Not connected USB USB_OTG1_CHD_B, USB_OTG1_DN, USB_OTG1_DP, USB_OTG1_VBUS, USB_OTG2_DN, USB_OTG2_DP, USB_OTG2_VBUS Not connected ADC VDDA_ADC_3P3 VDDA_ADC_3P3 must be powered even if the ADC is not used. Table 4. JTAG Controller interface summary (continued) JTAG I/O Type On-chip Termination |