công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCEP040NH150LL bảng dữ liệu(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

tên linh kiện NCEP040NH150LL
Giải thích chi tiết về linh kiện  NCE N-Channel Super Trench III Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Trang chủ  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCEP040NH150LL bảng dữ liệu(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCEP040NH150LL Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP040NH150LL Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP040NH150LL Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP040NH150LL Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP040NH150LL Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP040NH150LL Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP040NH150LL Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCEP040NH150LL Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wuxi NCE Power Co., Ltd
Page
v1.0
2
NCEP040NH150LL
http://www.ncepower.com
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
150
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=150V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
2.5
3.3
4.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=20A
-
3.2
4.0
mΩ
Forward Transconductance
gFS
VDS=10V,ID=40A
-
75
-
S
Dynamic Characteristics
Input Capacitance
Clss
VDS=75V,VGS=0V,
F=1.0MHz
-
7150
-
PF
Output Capacitance
Coss
-
2050
-
PF
Reverse Transfer Capacitance
Crss
-
47
-
PF
Switching Characteristics (Note 2)
Turn-on Delay Time
td(on)
VDD=75V,ID=75A
VGS=10V,RG=4.7Ω
-
30
-
nS
Turn-on Rise Time
tr
-
40
-
nS
Turn-Off Delay Time
td(off)
-
70
-
nS
Turn-Off Fall Time
tf
-
15
-
nS
Total Gate Charge
Qg
VDS=75V,ID=20A,
VGS=10V
-
106
-
nC
Gate-Source Charge
Qgs
-
36
-
nC
Gate-Drain Charge
Qgd
-
27
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
VSD
VGS=0V,IF=20A
-
-
1.2
V
Diode Forward Current
IS
-
-
265
A
Reverse Recovery Time
trr
TJ = 25°C, IF = 100A
di/dt = 100A/μs
-
108
-
nS
Reverse Recovery Charge
Qrr
-
270
-
nC
Notes:
1. EAS condition : Tj=25℃,VDD=50V,VG=10V,L=0.5mH,Rg=25Ω
2. Guaranteed by design, not subject to production
3. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=175°C. The SOA curve provides a single pulse rating.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com