| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIMXRT201PCFP4A bảng dữ liệu(PDF) 36 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT201PCFP4A bảng dữ liệu(HTML) 36 Page - NXP Semiconductors |
|
36 / 119 page ![]() i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024 36 NXP Semiconductors Electrical Characteristics • XTALI and RTC_XTALI (Clock Inputs) DC Parameters • General Purpose I/O (GPIO) • LVDS I/O DC Parameters NOTE The term ‘NVCC_XXXX’in this section refers to the associated supply rail of an input or output. Figure 3. Circuit for parameters Voh and Vol for I/O cells 4.3.1.1 XTALI and RTC_XTALI (clock inputs) DC parameters Table 21 shows the DC parameters for the clock inputs. 4.3.1.2 Single voltage general purpose I/O (GPIO) DC parameters Table 22 shows DC parameters for GPIO pads. The parameters in Table 22 are guaranteed per the operating ranges in Table 10, unless otherwise noted. Table 21. XTALI and RTC_XTALI DC parameters1 1 The DC parameters are for external clock input only. Parameter Symbol Test Conditions Min Max Unit XTALI high-level DC input voltage Vih — 0.8 x NVCC_PLL NVCC_PLL V XTALI low-level DC input voltage Vil — 0 0.2 V RTC_XTALI high-level DC input voltage Vih — 0.8 1.1 V RTC_XTALI low-level DC input voltage Vil — 0 0.2 V |