công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIMXRT201PCJM4A bảng dữ liệu(PDF) 12 Page - NXP Semiconductors

tên linh kiện PIMXRT201PCJM4A
Giải thích chi tiết về linh kiện  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT201PCJM4A bảng dữ liệu(HTML) 12 Page - NXP Semiconductors

Back Button PIMXRT201PCJM4A Datasheet HTML 8Page - NXP Semiconductors PIMXRT201PCJM4A Datasheet HTML 9Page - NXP Semiconductors PIMXRT201PCJM4A Datasheet HTML 10Page - NXP Semiconductors PIMXRT201PCJM4A Datasheet HTML 11Page - NXP Semiconductors PIMXRT201PCJM4A Datasheet HTML 12Page - NXP Semiconductors PIMXRT201PCJM4A Datasheet HTML 13Page - NXP Semiconductors PIMXRT201PCJM4A Datasheet HTML 14Page - NXP Semiconductors PIMXRT201PCJM4A Datasheet HTML 15Page - NXP Semiconductors PIMXRT201PCJM4A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 119 page
background image
i.MX RT1060 Crossover Processors for Consumer Products, Rev. 4, 04/2024
12
NXP Semiconductors
Architectural Overview
2
Architectural Overview
The following subsections provide an architectural overview of the i.MX RT1060 processor system.
2.1
Block diagram
Figure 2 shows the functional modules in the i.MX RT1060 processor system1.
.
Figure 2. i.MX RT1060 system block diagram
1. Some modules shown in this block diagram are not offered on all derivatives. See Table 1 for details.
aaa-055232
eMMC 4.5/SD 3.0 x2
Connectivity
UART x8
ADC x2 (20-channel)
ADC
ACMP x4
8 x 8 Keypad
I2C x4
SPI x4
GPIO
I2S/SAI x3
S/PDIF Tx/Rx
FlexCAN x2
USB 2.0 OTG with PHY x2
FLEXIO1/FLEXIO2
10/100 ENET
with IEEE 1588 x1
Secure JTAG
System control
Arm Cortex-M7
Up to 512 kB TCM
32 kB I-cache
32 kB D-cache
High-speed GPIO
GPIO 6/7/8/9
FLEXIO3
FPU
MPU
NVIC
CPU platform
8/16/24-bit Parallel CSI
24-bit Parallel LCD
PXP
2D graphics acceleration
resize, CSC, overlay, rotation
Multimedia
FlexSPI x2 (dual-channel QuadSPI
NAND and NOR, Octal Flash, and RAM)
External memory
PLL/OSC
512 kB OCRAM
Internal memory
Ciphers and RNG
Secure RTC
eFuse
Security
128 kB ROM
DCDC
Power management
LDO
Temp monitor
RTC and Reset
Enhanced DMA
IOMUX
GP Timer x2
Quadrature ENC x4
QuadTimer
(4-Channel) x4
FlexPWM
(4-Channel) x4
Watch Dog x4
External Memory Controller
8-bit/16-bit SDRAM
Parallel NOR FLASH
NAND FLASH
PSRAM
HAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com