| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STAC9202 bảng dữ liệu(PDF) 49 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9202 bảng dữ liệu(HTML) 49 Page - Integrated Device Technology |
|
49 / 135 page ![]() STAC9202 2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES PC AUDIO IDT™ 2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES 49 STAC9202 V 1.1 102606 IDT CONFIDENTIAL 5.7.4. SPDIFinCnvtr StreamCap [18] B20 R 0x1 20 bit audio formats are supported [17] B16 R 0x1 16 bit audio formats are supported [16] B8 R 0x0 8 bit audio formats are NOT supported [15:12] Rsvd1 R 0x0 Reserved [11] R12 R 0x0 384 KHz rate (8/1*48 KHz) NOT supported [10] R11 R 0x0 192.0 KHz rate (4/1*48 KHz) NOT supported [9] R10 R 0x0 176.4 KHz rate (4/1*44.1 KHz) NOT supported [8] R9 R 0x1 96.0 KHz rate (2/1*48 KHz) supported [7] R8 R 0x0 88.2 KHz rate (2/1*44.1 KHz) NOT supported [6] R7 R 0x1 48.0 KHz rate supported (REQUIRED) [5] R6 R 0x1 44.1 KHz rate supported [4] R5 R 0x0 32.0 KHz rate (2/3*48 KHz) NOT supported [3] R4 R 0x0 22.05 KHz rate (1/2*44.1 KHz) NOT supported [2] R3 R 0x0 16.0 KHz rate (1/3*48 KHz) NOT supported [1] R2 R 0x0 11.025 KHz rate (1/4*44.0 KHz) NOT supported [0] R1 R 0x0 8.0 KHz rate (1/6*48 KHz) NOT supported Table 76. SPDIFinCnvtr StreamCap Command Verb Format Verb ID Payload Response Get F00 0B See bitfield table Table 75. SPDIFinCnvtr FrmtCap Command Response Format Bit Bitfield Name RW Reset Description |