| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
P4C148-35DM bảng dữ liệu(PDF) 2 Page - Pyramid Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
P4C148-35DM bảng dữ liệu(HTML) 2 Page - Pyramid Semiconductor Corporation |
|
2 / 10 page ![]() P4C148/P4C149 Page 2 of 10 Document # SRAM104 REV B MAXIMUM RATINGS(1) Symbol Parameter Value Unit V CC Power Supply Pin with – 0.5 to +7 V Respect to GND Terminal Voltage with – 0.5 to V TERM Respect to GND V CC +0.5 V (up to 7.0V) T A Operating Temperature – 55 to +125 °C Temperature Range V CC = Max., CE, CS = VIH, V OUT = GND to VCC Symbol Parameter Value Unit T BIAS Temperature Under – 55 to +125 °C Bias T STG Storage Temperature – 65 to +150 °C P T Power Dissipation 1.0 W I OUT DC Output Current 50 mA CAPACITANCES(4) (V CC = 5.0V, TA = 25°C, f = 1.0MHz) Grade(2) Commercial Military Symbol Parameter Conditions Typ. Unit C IN Input Capacitance V IN = 0V 5 pF C OUT Output Capacitance V OUT= 0V 7 pF Ambient Temp 0°C to 70°C -55°C to +125°C Gnd 0V 0V V CC 5.0V ± 10% 5.0V ± 10% RECOMMENDED OPERATING CONDITIONS V OH V OL V IH V IL I LI I LO I SB I SB1 Parameter Output High Voltage (TTL Load) Output Low Voltage (TTL Load) Input High Voltage Input Low Voltage Input Leakage Current Output Leakage Current Standby Power Supply Current (TTL Input Levels) Standby Power Supply Current (CMOS Input Levels) Test Conditions I OH = –4 mA, VCC = Min. V CC = Max., VIN = GND to VCC Unit V V V mA mA µA µA V I OL = +8 mA, VCC = Min CE ≥ V IH, VCC = Max., f=Max., Outputs Open CE ≥ V HC, VCC = Max., f= 0, Outputs Open V IN ≤ 0.2V or VIN ≥ VCC –0.2V DC ELECTRICAL CHARACTERISTICS Over recommended operating temperature and supply voltage (2) Max. 0.4 0.8 Sym. Min. 2.4 Max. 0.4 V CC+0.5 2.2 –0.5(3) 0.8 P4C148 P4C149 Min. 2.4 2.2 V CC+0.5 –0.5(3) Mil. Comm’l Mil. Comm’l Mil. Comm’l Mil. Comm’l –10 –5 –10 –5 +10 +5 +10 +5 15 10 30 23 N/A N/A N/A N/A N/A = Not Applicable Parameter Commercial Symbol Unit -35 -25 -20 -15 -12 130 130 120 115 100 100 mA -10 Dynamic Operating Current I CC POWER DISSIPATION CHARACTERISTICS VS. SPEED –10 –5 +10 +5 +10 +5 –10 –5 Military -45 95 -55 95 N/A N/A 145 135 125 120 mA 115 115 |