13 / 28 page

CY7C0837AV
CY7C0830AV/CY7C0831AV
CY7C0832AV/CY7C0833AV
Document #: 38-06059 Rev. *Q
Page 13 of 28
AC Test Load and Waveforms
Capacitance [25]
Part Number
Parameter
Description
Test Conditions
Max.
Unit
CY7C0837AV
CY7C0830AV
CY7C0831AV
CY7C0832AV
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V
13
pF
COUT
Output Capacitance
10
pF
CY7C0833AV
CIN
Input Capacitance
22
pF
COUT
Output Capacitance
20
pF
R1 = 590
Ω
R2 = 435
Ω
C = 5 pF
(b) Three-state Delay (Load 2)
90%
10%
3.0V
Vss
90%
10%
< 2ns
< 2ns
ALL INPUT PULSES
3.3V
VTH = 1.5V
R = 50
Ω
Z0 = 50Ω
(a) Normal Load (Load 1)
C = 10 pF
OUTPUT
OUTPUT
Switching Characteristics Over the Operating Range
Parameter
Description
-167
-133
-100
Unit
CY7C0837AV
CY7C0830AV
CY7C0831AV
CY7C0832AV
CY7C0837AV
CY7C0830AV
CY7C0831AV
CY7C0832AV
CY7C0833AV
CY7C0833AV
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
fMAX2
Maximum Operating Frequency
167
133
133
100
MHz
tCYC2
Clock Cycle Time
6.0
7.5
7.5
10
ns
tCH2
Clock HIGH Time
2.7
3.0
3.0
4.0
ns
tCL2
Clock LOW Time
2.7
3.0
3.0
4.0
ns
tR[26]
Clock Rise Time
2.0
2.0
2.0
3.0
ns
tF[26]
Clock Fall Time
2.0
2.0
2.0
3.0
ns
tSA
Address Set-up Time
2.3
2.5
2.5
3.0
ns
tHA
Address Hold Time
0.6
0.6
0.6
0.6
ns
tSB
Byte Select Set-up Time
2.3
2.5
2.5
3.0
ns
tHB
Byte Select Hold Time
0.6
0.6
0.6
0.6
ns
tSC
Chip Enable Set-up Time
2.3
2.5
NA
NA
ns
tHC
Chip Enable Hold Time
0.6
0.6
NA
NA
ns
tSW
R/W Set-up Time
2.3
2.5
2.5
3.0
ns
tHW
R/W Hold Time
0.6
0.6
0.6
0.6
ns
Notes:
25. COUT also references CI/O.
26. Except JTAG signals (tr and tf < 10 ns [max.]).
[+] Feedback
[+] Feedback