công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STAC9271 bảng dữ liệu(PDF) 197 Page - Integrated Device Technology

tên linh kiện STAC9271
Giải thích chi tiết về linh kiện  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 bảng dữ liệu(HTML) 197 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 193Page - Integrated Device Technology STAC9271 Datasheet HTML 194Page - Integrated Device Technology STAC9271 Datasheet HTML 195Page - Integrated Device Technology STAC9271 Datasheet HTML 196Page - Integrated Device Technology STAC9271 Datasheet HTML 197Page - Integrated Device Technology STAC9271 Datasheet HTML 198Page - Integrated Device Technology STAC9271 Datasheet HTML 199Page - Integrated Device Technology STAC9271 Datasheet HTML 200Page - Integrated Device Technology STAC9271 Datasheet HTML 201Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
197
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.33.2. InPort1Vol ConLst
[8]
ConnList
R
0x1
Connection list is present
[7]
UnSolCap
R
0x0
No support for Unsolicited Response
[6]
ProcWidget
R
0x0
No Processing Controls parameter.
[5]
Stripe
R
0x0
No support for striping
[4]
FormatOvrd
R
0x0
No format info; use default format parameters from Audio
Function node instead
[3]
AmpParOvrd
R
0x0
No amplifier info; use default amplifier parameters from Audio
Function node instead
[2]
OutAmpPrsnt
R
0x0
No output amp
[1]
InAmpPrsnt
R
0x1
input amp is present
[0]
Stereo
R
0x1
Stereo widget
Table 494. InPort1Vol ConLst
Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table.
Table 495. InPort1Vol ConLst
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:8]
Rsvd
R
0x0
Reserved
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID entries.
[6.:0]
ConL
R
0x01
Number of NID entries in connection list.
Table 493. InPort1Vol WCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More