| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STAC9271 bảng dữ liệu(PDF) 2 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
STAC9271 bảng dữ liệu(HTML) 2 Page - Integrated Device Technology |
|
2 / 223 page ![]() STAC9271/9272/9273/9274 10-CHANNEL HIGH DEFINITION AUDIO CODEC PC AUDIO IDT™ 10-CHANNEL HIGH DEFINITION AUDIO CODEC 2 STAC9271/9272/9273/9274 V 1.0 MARCH2007 IDT CONFIDENTIAL Table of Contents 1. DESCRIPTION ......................................................................................................................... 14 2. CHARACTERISTICS ............................................................................................................... 15 2.1. Audio Fidelity ................................................................................................................................... 15 2.2. Electrical Specifications ................................................................................................................... 15 2.3. STAC927x Family 5 V, 4.5 V, 4.0 V and 3.3 V Analog Performance Characteristics ..................... 17 3. DETAILED DESCRIPTION ...................................................................................................... 21 3.1. Universal JacksTM .......................................................................................................................... 21 3.2. SPDIF Input ..................................................................................................................................... 22 3.3. SPDIF Output .................................................................................................................................. 23 3.4. ADAT® Output ................................................................................................................................. 23 3.5. Digital Microphone Support ............................................................................................................. 23 3.6. Analog PC-Beep .............................................................................................................................. 27 3.7. Headphone Drivers (Restrictions) ................................................................................................... 27 3.8. Device IDs ....................................................................................................................................... 27 4. FUNCTIONAL BLOCK DIAGRAMS ........................................................................................ 28 4.1. STAC9273/9274 .............................................................................................................................. 28 4.2. STAC9271/9272 .............................................................................................................................. 29 5. WIDGET DIAGRAM ................................................................................................................. 30 5.1. Pin Configuration Default Register Settings .................................................................................... 31 6. WIDGET INFORMATION FOR THE STAC927X FAMILY ..................................................... 32 6.1. Root Node (NID = 0x00) .................................................................................................................. 34 6.2. AFG Node (NID = 0x01) .................................................................................................................. 35 6.3. DAC0 Node (NID = 0x02) ................................................................................................................ 54 6.4. DAC1 Node (NID = 0x03) ................................................................................................................ 58 6.5. DAC2 Node (NID = 0x04) ................................................................................................................ 63 6.6. DAC3 Node (NID = 0x05) ................................................................................................................ 68 6.7. DAC4 Node (NID = 0x06) ................................................................................................................ 73 6.8. ADC0 Node (NID = 0x07) ................................................................................................................ 77 6.9. ADC1 Node (NID = 0x08) ................................................................................................................ 82 6.10. ADC2 Node (NID = 0x09) .............................................................................................................. 87 6.11. SPDIFOut Node (NID = 0x1E) ....................................................................................................... 92 6.12. SPDIFIn Node (NID = 0x20) .......................................................................................................... 97 6.13. PortA Node (NID = 0x0A) ............................................................................................................ 105 6.14. PortB Node (NID = 0x0B) ............................................................................................................ 111 6.15. PortC Node (NID = 0x0C) ............................................................................................................ 117 6.16. PortD Node (NID = 0x0D) ............................................................................................................ 123 6.17. PortE Node (NID = 0x0E) ............................................................................................................ 128 6.18. PortF Node (NID = 0x0F) ............................................................................................................ 133 6.19. PortG Node (NID = 0x10) ............................................................................................................ 139 6.20. PortH Node (NID = 0x11) ............................................................................................................ 144 6.21. DMic0 Node (NID = 0x13) ........................................................................................................... 149 6.22. DMic1 Node (NID = 0x14) ........................................................................................................... 152 6.23. DigOut0 Node (NID = 0x21) ........................................................................................................ 155 6.24. DigIn Node (NID = 0x22) ............................................................................................................. 160 6.25. InPort0Mux Node (NID = 0x15) ................................................................................................... 165 6.26. InPort1Mux Node (NID = 0x16) ................................................................................................... 170 6.27. InPort2Mux Node (NID = 0x17) ................................................................................................... 174 6.28. PCBEEP Node (NID = 0x23) ....................................................................................................... 179 6.29. CD Node (NID = 0x12) ................................................................................................................ 182 6.30. ADATOut Node (NID = 0x1F) ...................................................................................................... 185 6.31. VolumeKnob Node (NID = 0x24) ................................................................................................. 189 6.32. InPort0Vol Node (NID = 0x18) ..................................................................................................... 193 6.33. InPort1Vol Node (NID = 0x19) ..................................................................................................... 196 |