công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STAC9271 bảng dữ liệu(PDF) 169 Page - Integrated Device Technology

tên linh kiện STAC9271
Giải thích chi tiết về linh kiện  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 bảng dữ liệu(HTML) 169 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 165Page - Integrated Device Technology STAC9271 Datasheet HTML 166Page - Integrated Device Technology STAC9271 Datasheet HTML 167Page - Integrated Device Technology STAC9271 Datasheet HTML 168Page - Integrated Device Technology STAC9271 Datasheet HTML 169Page - Integrated Device Technology STAC9271 Datasheet HTML 170Page - Integrated Device Technology STAC9271 Datasheet HTML 171Page - Integrated Device Technology STAC9271 Datasheet HTML 172Page - Integrated Device Technology STAC9271 Datasheet HTML 173Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
169
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
6.25.8. InPort0Mux ConLstEntry4
6.25.9. InPort0Mux ConLstEntry8
[15.:8]
ConL1
R
0x12
CD In
[7.:0]
ConL0
R
0x0E
Port E (default)
Table 400. InPort0Mux ConLstEntry4
Command Verb Format
Verb ID
Payload
Response
Get
F02
04
See bitfield table.
Table 401. InPort0Mux ConLstEntry4
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL7
R
0x10
Port G
[23.:16]
ConL6
R
0x0A
Port A
[15.:8]
ConL5
R
0x0D
Port D
[7.:0]
ConL4
R
0x0C
Port C
Table 402. InPort0Mux ConLstEntry8
Command Verb Format
Verb ID
Payload
Response
Get
F02
08
See bitfield table.
Table 403. InPort0Mux ConLstEntry8
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31.:24]
ConL11
R
0x0
No connection.
[23.:16]
ConL10
R
0x0
No connection.
[15.:8]
ConL9
R
0x0
No connection.
[7.:0]
ConL8
R
0x11
Port H
Table 399. InPort0Mux ConLstEntry0
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More