công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

I.MX93 bảng dữ liệu(PDF) 71 Page - NXP Semiconductors

tên linh kiện I.MX93
Giải thích chi tiết về linh kiện  i.MX 93 Application Processors Data Sheet for Automotive Products
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

I.MX93 bảng dữ liệu(HTML) 71 Page - NXP Semiconductors

Back Button I.MX93 Datasheet HTML 67Page - NXP Semiconductors I.MX93 Datasheet HTML 68Page - NXP Semiconductors I.MX93 Datasheet HTML 69Page - NXP Semiconductors I.MX93 Datasheet HTML 70Page - NXP Semiconductors I.MX93 Datasheet HTML 71Page - NXP Semiconductors I.MX93 Datasheet HTML 72Page - NXP Semiconductors I.MX93 Datasheet HTML 73Page - NXP Semiconductors I.MX93 Datasheet HTML 74Page - NXP Semiconductors I.MX93 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
Electrical characteristics
i.MX 93 Application Processors Data Sheet for Automotive Products, Rev. 3, 12/2023
NXP Semiconductors
71
Figure 39. I3C legacy mode timing
tCF
SCL clock fall time
—
—
150e06 x 1 /
fSCL
(capped at
60)
ns
6
tHD_PP
SDA signal data hold
• Master mode
•Slave mode
tCR + 3 and
tCF + 3
0
—
—
—
—
ns
7,8
tSU_PP
SDA signal data Setup in Push-Pull mode
3
—
N/A
ns
7
1 fSCL = 1 / (tDIG_L + tDIG_H)
2 tDIG_L and tDIG_H are the clock Low and High periods as seen at the receiver end of the I3C Bus using VIL and VIH
3 As both edges are used, the hold time needs to be satisfied for the respective edges; i.e., tCF + 3 for falling edge clocks, and
tCR + 3 for rising edge clocks.
4 Pad delay based on 90 Ω / 4 mA driver and 50 pF load. Note that Master may be a Slave in a multi-Master system, and thus
shall also adhere to this requirement
5 Devices with more than 12ns of tSCO delay shall set the limitation bit in the BCR, and shall support the GETMXDS CCC to
allow the Master to read this value and adjust computations accordingly. For purposes of system design and test conformance,
this parameter should be considered together with pad delay, bus capacitance, propagation delay, and clock triggering points.
6 The clock maximum rise/fall time is capped at 60 ns. For lower frequency rise and fall the maximum value is limited at 60 ns,
and is not dependent upon the clock frequency.
7 Applicable for slave and master loopback modes
8 tHD_PP is a Hold time parameter for Push-Pull Mode that has a different value for Master mode vs. Slave mode. In SDR Mode
the Hold time parameter is referred to as tHD_PP.
Table 74. Push-Pull timing parameters for SDR modes (continued)
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
SDA
SCL
0.3 X VDD
0.7 X VDD
0.3 X VDD
0.7 X VDD
Sr
tfDA
trDA
SrP
tSU_STO
tHIGH
tLOW
tHIGH
tLOW
tSU_DAT
tHD_DAT
tSU_STA
tHD_STA
trCL
tfCL
= High Speed Active Push-Pull Drive
= Open Drain With Weak Pullup
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com