| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RL78 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 41 page ![]() RI78V4 V2.00.00 Release Note R20UT3404EJ0102 Rev.1.02 Page 21 of 41 2021.04.28 7. When it is converted from RI78V4 V1.00.02 to RI78V4 V2.00.00 The change point when converting from RI78V4 V1.00.02 application to RI78V4 V2.00.00 application is shown in the following. When a project of application with RI78V4 V1.00.02 is created by CubeSuite+ (CS+), if the project of application with the RI78V4 V1.00.02 reads in the environment installed RI78V4 V2.00.00, the possible part changes a change automatically. 7.1. The timer interrupt handler The user has to describe the “timer interrupt handler” in RI78V4 V1.00.02, it is not necessary to describe in V2.00.00. Therefore you delete the timer interrupt handler, and specifies the clock timer exception code (CLK_INTNO) in the system configuration file. ■ V1.00.02 [ C source file ] #pragma rtos_interrupt INTP0 timer void timer(void){ TimerHandler(); return; } ■ V2.00.00 [ System configuration file ] CLK_INTNO ( INTTM00 ); Then CS+ is to read a project of application with RI78V4 V1.00.02, and a system configuration file is converted. But a comment is being output by configurator so that this item may be designated because used timer interrupt cannot be specified for this item, |