công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMT33 bảng dữ liệu(PDF) 8 Page - Same Sky Devices

tên linh kiện AMT33
Giải thích chi tiết về linh kiện  MODULAR COMMUTATION ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMESKY [Same Sky Devices]
Trang chủ  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT33 bảng dữ liệu(HTML) 8 Page - Same Sky Devices

Back Button AMT33 Datasheet HTML 3Page - Same Sky Devices AMT33 Datasheet HTML 4Page - Same Sky Devices AMT33 Datasheet HTML 5Page - Same Sky Devices AMT33 Datasheet HTML 6Page - Same Sky Devices AMT33 Datasheet HTML 7Page - Same Sky Devices AMT33 Datasheet HTML 8Page - Same Sky Devices AMT33 Datasheet HTML 9Page - Same Sky Devices AMT33 Datasheet HTML 10Page - Same Sky Devices AMT33 Datasheet HTML 11Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SAME SKY | SERIES: AMT33 | DESCRIPTION: MODULAR COMMUTATION ENCODER
date 09/12/2024 | page 8 of 11
sameskydevices.com
1. Begin by rotating the pre-installed alignment tool clockwise and completely to the right so
that the pre-installed shaft set screw is visible.
2. Select the appropriately sized shaft adapter and insert it into the encoder making sure the
adapter is properly aligned with the keyway in the metal hub. No adapter is needed for a
5/8” motor shaft.
3. Select the placement tool and insert it into the encoder. This placement tool holds the
encoder’s hub and shaft adapter in the proper position for installation onto the motor shaft.
1. Slide the encoder onto the motor shaft applying force only to the placement tool to maintain
proper alignment of the encoder’s hub and shaft adapter.
2.
3. Once in contact with the motor body, rotate the encoder until the mounting holes are aligned
with the proper bolt circle.
4. Insert screws and fasten the encoder to the motor.
1. Insert the Allen Wrench into the notch on the top.
2. Tighten the shaft set screw to the recommended torque settings per the spec.
1. Rotate the placement tool and alignment tool counterclockwise until the tabs align
with the openings.
2. Remove both tools from the encoder.
3.
STEP 1
STEP 3
STEP 2
STEP 4
ASSEMBLY PROCEDURE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11