| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0235CSSM28SMKA0-CP bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0235CSSM28SMKA0-CP bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
|
2 / 4 page ![]() AR0235CS www.onsemi.com 2 ORDERING INFORMATION Table 2. AVAILABLE PART NUMBERS Part Number Product Description Product Attribute Description AR0235CSSM00SMKA0−CP Mono, 0 CRA CSP with Protective Film AR0235CSSM00SMKA0−CP2 Mono, 0 CRA CSP with Protective Film, MOQ 50 Pieces AR0235CSSM00SMKA0−CR Mono, 0 CRA CSP without Protective Film AR0235CSSM00SMKAH3−GEVB Mono, 0 CRA Demo Board AR0235CSSM28SMKA0−CP Mono, 28 CRA CSP with Protective Film AR0235CSSM28SMKA0−CR Mono, 28 CRA CSP without Protective Film AR0235CSSM28SMKA0−CP2 Mono, 28 CRA CSP Chip Tray with Protective Film, MOQ 50 Pieces AR0235CSSM28SMKAH3−GEVB Mono, 28 CRA Demo Board NOTE: Refer to AR0235 Die Data Sheet for Die Part Numbers and Ordering Information. Table 3. FRAME RATE OF DIFFERENT MODES OF OPERATION Resolution Mode Frame Rate (frames per sec) Full_Resolution 1920 x 1200 Master 120 Slave Integration Start 90 Slave Integration Time 90 Slave Integration Start and Readout Start 90 Slave Integration Start and Integration depends on exp (not constant frame rate) 2x2_Subsampling 960 x 600 Master 245 Slave Integration Start 160 Slave Integration Time 160 Slave Integration Start and Readout Start 160 Slave Integration Start and Integration depends on exp (not constant frame rate) Figure 1. Block Diagram Control Registers Analog Processing and A/D Conversion Active Pixel Sensor (APS) Array Pixel Data Path (Signal Processing) Timing and Control (Sequencer) Auto Exposure and Stats Engine OTPM Memory PLL External Clock MPI Serial Output Two−wire Serial Interface Power GPIO0/GPIO1 GPI2/GPI3 |