công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICS91305YGLFT bảng dữ liệu(PDF) 5 Page - Integrated Circuit Systems

tên linh kiện ICS91305YGLFT
Giải thích chi tiết về linh kiện  High Performance Communication Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ICST [Integrated Circuit Systems]
Trang chủ  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91305YGLFT bảng dữ liệu(HTML) 5 Page - Integrated Circuit Systems

  ICS91305YGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS91305YGLFT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICS91305
0092G—08/06/07
Output to Output Skew
The skew between CLKOUT and the CLK(1-4) outputs is not dynamically adjusted by the PLL. Since CLKOUT is one
of the inputs to the PLL, zero phase difference is maintained from REF to CLKOUT. If all outputs are equally loaded,
zero phase difference will maintained from REF to all outputs.
If applications requiring zero output-output skew, all the outputs must equally loaded.
If the CLK(1-4) outputs are less loaded than CLKOUT, CLK(1-4) outputs will lead it; and if the CLK(1-4) is more loaded
than CLKOUT, CLK(1-4) will lag the CLKOUT.
Since the CLKOUT and the CLK(1-4) outputs are identical, they all start at the same time, but different loads cause
them to have different rise times and different times crossing the measurement thresholds.
REF input and
all outputs
loaded Equally
REF input and CLK(1-4)
outputs loaded equally, with
CLKOUT loaded More.
REF input and CLK(1_4)
outputs loaded equally, with
CLKOUT loaded Less.
Timing diagrams with different loading configurations



Html Pages

1 2 3 4 5 6 7 8