| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS621NILFT bảng dữ liệu(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS621NILFT bảng dữ liệu(HTML) 8 Page - Integrated Device Technology |
|
8 / 10 page ![]() ICS621 LOW SKEW 1 TO 4 CLOCK BUFFER FAN OUT BUFFER IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER 8 ICS621 REV B 030907 Ordering Information Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature ICS621MI ICS621MI Tubes 8-pin SOIC -40 to +85 °C ICS621MIT ICS621MI Tape and Reel 8-pin SOIC -40 to +85 °C ICS621MILF 621MILF Tubes 8-pin SOIC -40 to +85 °C ICS621MILFT 621MILF Tape and Reel 8-pin SOIC -40 to +85 °C ICS621M ICS621M Tubes 8-pin SOIC 0 to +70 °C ICS621MT ICS621M Tape and Reel 8-pin SOIC 0 to +70 °C ICS621MLF 621MLF Tubes 8-pin SOIC 0 to +70 °C ICS621MLFT 621MLF Tape and Reel 8-pin SOIC 0 to +70 °C ICS621NLFT 621NLF Tape and Reel 8-pin DFN 0 to +70 °C ICS621NILFT 621NILF Tape and Reel 8-pin DFN -40 to +85 °C |