| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS621MT bảng dữ liệu(PDF) 4 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS621MT bảng dữ liệu(HTML) 4 Page - Integrated Device Technology |
|
4 / 10 page ![]() ICS621 LOW SKEW 1 TO 4 CLOCK BUFFER FAN OUT BUFFER IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER 4 ICS621 REV B 030907 DC Electrical Characteristics VDD=1.2 V ± 5% , Ambient temperature -40 to +85 °C or 0 to +70°C, unless stated otherwise Notes: 1. Nominal switching threshold is VDD/2 VDD=1.5 V ± 5% , Ambient temperature -40 to +85 °C or 0 to +70°C, unless stated otherwise Notes: 1. Nominal switching threshold is VDD/2 VDD=1.8 V ±5% , Ambient temperature -40 to +85 °C or 0 to +70°C, unless stated otherwise Notes: 1. Nominal switching threshold is VDD/2 Parameter Symbol Conditions Min. Typ. Max. Units Operating Voltage VDD 1.14 1.26 V Input High Voltage VIH Note 1, ICLK, OE 0.65VDD VDD+0.3 V Input Low Voltage VIL Note 1, ICLK, OE 0.35VDD V Output High Voltage VOH IOH = -2 mA 0.75VDD V Output Low Voltage VOL IOL = 2 mA 0.25VDD V Operating Supply Current IDD No load, 133 MHz TBD mA Nominal Output Impedance ZO 20 Ω Input Capacitance CIN ICLK, OE pin 5 pF Short Circuit Current IOS ±20 mA Parameter Symbol Conditions Min. Typ. Max. Units Operating Voltage VDD 1.425 1.575 V Input High Voltage VIH Note 1, ICLK, OE 0.65VDD VDD+0.3 V Input Low Voltage VIL Note 1, ICLK, OE 0.35VDD V Output High Voltage VOH IOH = -6 mA 0.75VDD V Output Low Voltage VOL IOL = 6 mA 0.25VDD V Operating Supply Current IDD No load, 133 MHz 25 mA Nominal Output Impedance ZO 20 Ω Input Capacitance CIN ICLK, OE pin 5 pF Short Circuit Current IOS ±28 mA Parameter Symbol Conditions Min. Typ. Max. Units Operating Voltage VDD 1.71 1.89 V Input High Voltage, ICLK VIH Note 1, ICLK, OE 0.65VDD VDD+0.3 V Input Low Voltage, ICLK VIL Note 1, ICLK, OE 0.35VDD V Output High Voltage VOH IOH = -8 mA 1.35 V Output Low Voltage VOL IOL = 8 mA 0.45 V Operating Supply Current IDD No load, 133 MHz 50 mA Nominal Output Impedance ZO 20 Ω Input Capacitance CIN ICLK, OE pin 5 pF Short Circuit Current IOS ±50 mA |