| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9LPR501 bảng dữ liệu(PDF) 19 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9LPR501 bảng dữ liệu(HTML) 19 Page - Integrated Circuit Systems |
|
19 / 22 page ![]() 19 Integrated Circuit Systems, Inc. ICS9LPR501 1118E—08/08/07 Byte 22 CPU M/N Programming Bit Pin Name Description Type 01 Default 7 N Div bit 8 PLL 1 M/N Programming RW X 6 N Div bit 9 (Intel PLL1 CPU) RW X 5M Div Bit 5 RW X 4M Div Bit 4 RW X 3M Div Bit 3 RW X 2M Div Bit 2 RW X 1M Div Bit 1 RW X 0M Div Bit 0 RW X Byte 23 CPU M/N Programming Bit Pin Name Description Type 01 Default 7 N Div bit 7 PLL 1 M/N Programming RW X 6 N Div bit 6 (Intel PLL1 CPU) RW X 5 N Div bit 5 RW X 4 N Div bit 4 RW X 3 N Div bit 3 RW X 2 N Div bit 2 RW X 1 N Div bit 1 RW X 0 N Div Bit 0 RW X Byte 24 CPU Divider Programming Bit Pin Name Description Type 0 1 Default 7 Reserved RW 0 6 Reserved RW 0 5 Reserved RW 0 4 Reserved RW 0 3 CPUDiv3 RW 0000:/2 1000:/8 X 2 CPUDiv2 RW 0001:/3 1001:/12 X 1 CPUDiv1 RW 0010:/5 1010:/20 X 0 CPUDiv0 RW 0011:/7 1011:/28 X Byte 25 SRC and PCI Divider Programming (CK505 PLL1) Bit Pin Name Description Type 0 1 Default 7 PCIDiv3 RW 0000:/2 1000:/8 X 6 PCIDiv2 RW 0001:/3 1001:/12 X 5 PCIDiv1 RW 0010:/5 1010:/20 X 4 PCIDiv0 RW 0011:/9 1011:/36 X 3 SRCDiv3 RW 0000:/2 1000:/8 X 2 SRCDiv2 RW 0001:/3 1001:/12 X 1 SRCDiv1 RW 0010:/5 1010:/20 X 0 SRCDiv0 RW 0011:/9 1011:/36 X CPU Divider Ratio Programming Bits PCI Divider Ratio Programming Bits for PLL1 SRC Divider Ratio Programming Bits Reserved Byte 63 Special Power Management Features (Rev P Silicon and Higher) Bit Pin Name Description RW 0 1 Default 7 Internal flags RW 0 6 RW 0 5 RW 0 4 RW 0 3 RW 0 2 RW 0 1 SATA PLL Power Management Feature RW off on 0 0 XTAL PD Control Controls XTAL on/off in legacy PD RW off on 1 |