công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM3350-SW bảng dữ liệu(PDF) 102 Page - PMC-Sierra, Inc

tên linh kiện PM3350-SW
Giải thích chi tiết về linh kiện  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW bảng dữ liệu(HTML) 102 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 98Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 99Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 100Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 101Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 102Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 103Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 104Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 105Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 106Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
100
data with the master device and transmit packets on its behalf, but do not maintain the
spanning tree data structures.) Two different data structures are used by the spanning
tree algorithm: a per-bridge data structure, only one of which is present in a system,
and a per-port data structure, which is replicated for each port in the system.
Further description of the spanning tree data structures is TBD.
Broadcast Restriction Mask
A special data structure, referred to as the
broadcast restriction mask, is used by the
ELAN 8x10 to limit packet broadcasts in response to the results of the spanning tree
algorithm. This mask consists of sixteen bits: eight bits correspond to the physical MAC
ports implemented within the ELAN 8x10 itself, and the remaining eight bits are
assigned to the external ELAN 8x10 devices connected to the PCI expansion bus, as
shown below:
15
14
13
12
11
10
9876543210
D7
D6
D5
D4
D3
D2
D1
D0
P7
P6
P5
P4
P3
P2
P1
P0
The eight port-related bits are indicated as P0 through P7, corresponding to physical
ports 0 through 7 respectively, while the eight device-related bits are denoted as D0
through D7. Note that the device-related bit corresponding to the given ELAN 8x10
device itself must always be zero, as it is not permissible for an ELAN 8x10 device to
send broadcasts to itself across the PCI bus. In addition, further device-related bits will
be set to zero if there are less than eight devices in the system.
When a broadcast or multicast frame, or one directed to an unknown MAC address
(which must be flooded) is received, the ELAN 8x10 inspects the broadcast restriction
mask to determine the permissible destinations to which the packet may be sent. The
mask is initialized as required upon power-on, and subsequently modified by the
spanning tree algorithm or system manager to remove specific ports and devices from
the broadcast topology. Note that hash buckets for multicast MAC addresses contain
their own restriction masks, which are logically ANDed with the global broadcast
restriction mask to further limit the broadcast topology; this feature may be used to
implement multicast groups. In addition, broadcast restriction on a per-source-port basis
is made possible by a similar multicast restriction mask in each of the local port
descriptors, which is also ANDed into the global broadcast restriction mask.
RTOS Requirements
This section details the general requirements and specific data structures of interest
that are implemented by the optional Real-Time Operating System.
This section is TBD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com