công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM3350-SW bảng dữ liệu(PDF) 101 Page - PMC-Sierra, Inc

tên linh kiện PM3350-SW
Giải thích chi tiết về linh kiện  8 PORT ETHERNET SWITCH
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3350-SW bảng dữ liệu(HTML) 101 Page - PMC-Sierra, Inc

Back Button PM3350-SW Datasheet HTML 97Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 98Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 99Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 100Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 101Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 102Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 103Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 104Page - PMC-Sierra, Inc PM3350-SW Datasheet HTML 105Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 224 page
background image
ELAN 8X10
PM3350 ELAN 8 X10
DATA SHEET
PMC-970109
ISSUE 3
8 PORT ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND PMC-SIERRA, INC. CUSTOMERS ONLY
99
pool to be completely empty at any point. The Switch Processor will declare a fatal
system error and attempt to initiate a hardware reset if this occurs.
The data descriptor pool is used for supplying data descriptors. It consists of a linked-
list of 20-byte fixed-size memory blocks, and is maintained entirely by the Switch
Processor firmware. Blocks are allocated from this pool as required when a data
descriptor must be created to hold the information for received frames or messages.
The hash bucket pool consists, in a similar manner, of a linked-list of 64-byte blocks
that are intended to be used to create hash buckets and forwarding tags when MAC
addresses are learned. One minor difference between this pool and the others is that
the blocks in this pool are pre-formatted for rapid learning; all of the fields of the hash
buckets in this pool, with the exception of the MAC address and the local port descriptor
address, are initialized to their default values. This allows the learning process to simply
allocate a free hash bucket, fill in the MAC address and local port descriptor pointer,
and place the hash bucket into the address table, thereby minimizing the time spent
formatting the hash bucket. When hash buckets are de-allocated to the free hash
bucket pool (during aging, or topology changes), they are again re-formatted before
being placed on the free pool. As the aging and topology change handling are
principally non-time-critical background tasks, the additional time required to pre-format
the hash buckets is not a significant issue.
When forwarding tags are created, only the first 16 bytes of the memory block is used;
the remaining 48 bytes are left untouched (and preserve their original formatting).
Forwarding tags are required during the learning of MAC addresses reachable by
remote devices: they are allocated by the Switch Processor firmware during the learning
process carried out when specially marked frames are received over the PCI expansion
bus, and de-allocated (again by the Switch Processor firmware) when the
corresponding MAC addresses are aged out. Removal of forwarding tags takes place
only after their parent source hash buckets (on the remote devices) are removed. More
details on the creation and removal of forwarding tags and hash buckets are provided in
the sections dealing with learning and aging below.
The sizes and locations of the various free pools are completely configurable via
parameters in the boot image, and can be adjusted by the system implementer as
desired. These parameters implicitly determine the total amount of buffering in the
system, the broadcast frame reception rate, the number of MAC addresses supported,
and so on.
Spanning Tree Support Data Structures
Upon start-up, if spanning tree is enabled, the ELAN 8x10 creates a set of data
structures required for implementing the IEEE 802.1d spanning tree algorithm. (In a
multiple-ELAN 8x10 system, only the master device constructs the spanning tree data
structures and implements the spanning tree algorithm; the slave devices exchange



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com