| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0145CSSM28SMKA0-CP2 bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0145CSSM28SMKA0-CP2 bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
|
3 / 6 page ![]() AR0145CS www.onsemi.com 2 ORDERING INFORMATION Table 2. AVAILABLE PART NUMBERS Part Number Product Description Product Attribute Description AR0145CSSM00SMKA0−CP Mono, 0 CRA CSP with Protective Film AR0145CSSM00SMKAH3−GEVB Mono, 0 CRA Demo Board AR0145CSSM00SMKA0−CP2 Mono, 0 CRA CSP with Protective Film, MOQ 50 Pieces AR0145CSSM00SMKA0−CR Mono, 0 CRA CSP without Protective Film AR0145CSSM28SMKA0−CP Mono, 28 CRA CSP with Protective Film AR0145CSSM28SMKAH3−GEVB Mono, 28 CRA Demo Board AR0145CSSM28SMKA0−CP2 Mono, 28 CRA CSP with Protective Film, MOQ 50 Pieces AR0145CSSM28SMKA0−CR Mono, 28 CRA CSP without Protective Film NOTE: Refer to AR0145 Die Data Sheet for Die Part Numbers and Ordering Information. See the onsemi Device Nomenclature document (TND310/D) for a full description of the naming convention used for image sensors. For reference documentation, including information on evaluation kits, please visit our web site at www.onsemi.com. Table 3. FRAME RATE OF DIFFERENT MODES OF OPERATION Resolution Mode Frame Rate (frames per sec) Full_Resolution 1280 x 800 Master 120 Slave Integration Start 90 Slave Integration Time 90 Slave Integration Start and Readout Start 90 Slave Integration Start and Integration depends on exp (not constant frame rate) 2x2_Subsampling 640 x 400 Master 230 Slave Integration Start 160 Slave Integration Time 160 Slave Integration Start and Readout Start 160 Slave Integration Start and Integration depends on exp (not constant frame rate) |