| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CLV1L-FKB bảng dữ liệu(PDF) 10 Page - Cree LED |
|
|
|||||||||||||||||||||||||||||
CLV1L-FKB bảng dữ liệu(HTML) 10 Page - Cree LED |
|
10 / 10 page ![]() CLV1L-FKB: PLCC4 3 IN 1 SMD LED © 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered trademarks of Cree LED. CLD-CT1238 REV 9 10 PACKAGING • The CLV1L-FKB is rated as a MSL 5a product. • The boxes are not water resistant and they must be kept away from water and moisture. • The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. • Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation. • The reel pack is applied in SMD LED. • Max 2000 pcs per reel. H UMIC HECK w ww .vit apac .c om |