công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CF1908-10RKI bảng dữ liệu(PDF) 4 Page - Welwyn Components Limited

tên linh kiện CF1908-10RKI
Giải thích chi tiết về linh kiện  Tubular Vitreous Enamelled Wirewound Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WELWYN [Welwyn Components Limited]
Trang chủ  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CF1908-10RKI bảng dữ liệu(HTML) 4 Page - Welwyn Components Limited

  CF1908-10RKI Datasheet HTML 1Page - Welwyn Components Limited CF1908-10RKI Datasheet HTML 2Page - Welwyn Components Limited CF1908-10RKI Datasheet HTML 3Page - Welwyn Components Limited CF1908-10RKI Datasheet HTML 4Page - Welwyn Components Limited CF1908-10RKI Datasheet HTML 5Page - Welwyn Components Limited CF1908-10RKI Datasheet HTML 6Page - Welwyn Components Limited CF1908-10RKI Datasheet HTML 7Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Tubular Vitreous Enamelled
Wirewound Resistors
1600/1900 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
124
Issue E · 10.05
Welwyn Components
Table 3
Adjustable Resistors (see Figure 9)
Adjustable resistors use the same basic construction as fixed
resistors already described, and have a window in the vitreous
enamel through which contact is made to the resistive
element by a sliding contact band. The band is fitted with a
clamping screw and nut to retain it firmly in position.
The adjustable winding style has a maximum permissible hot
spot temperature of 300°C and the maximum dissipation, for
an ambient temperature of 20°C, is specified in Table 4. The
partial open winding necessitates a reduced maximum
resistance, when compared with fixed resistors, and the
resistance range is also defined in Table 4.
More than one adjusting band can be fitted, up to the
maximum number specified in Table 3.
Adjustable resistors are available in termination styles B, 4B,
AP, C, CB and CP, in sizes 1602 to 1609 inclusive and 1906
and 1908 denoted by prefix ‘V’.
Manufactured Values
E24 preferred
Standard Selection Tolerance ±10%
All other details of the electrical and environmental
performance of adjustable resistors are the same as for
fixed resistors.
Max. dissipation in
Resistance range (ohms)
20°C ambient (watts)
Type
Min. for
Min. for
Max. for
200°C
300°C
styles VC,
all other
all styles
hot spot
hot spot
VCP
styles
1602
8
15.5
4
3
1.6k
1906
9.5
19
4
3
2.5k
1603
11
22
6
6
3.0k
1604
16
31
8
8
5.3k
1605
21
41
6
6
4.5k
1908
24
47
11
10
7.5k
1607
34
66
11
9
8.1k
1606
41
80
14
13
13.2k
1608
52
101
17
16
15.4k
1609
74
145
25
24
25.5k
Tube
A mm
B mm
Hole C
Max. no of
size
max.
max.
dia. mm
adjusting
bands
1602
1603
20
27
3.2
1
1906
1604
1605
20
27
3.2
3
1908
25
32
3.7
2
1606
25
32
3.7
4
1607
30
38
3.7
2
1608
30
38
3.7
3
1609
30
38
3.7
5
Table 4



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com