| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PKB0804-221 bảng dữ liệu(PDF) 1 Page - ECM Electronics Limited. |
|
|
|||||||||||||||||||||||||||||
PKB0804-221 bảng dữ liệu(HTML) 1 Page - ECM Electronics Limited. |
|
1 / 7 page ![]() ECM Radial Leaded Inductors ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to discontinue any product or make design changes we believe necessary. Issue 2 Radial Bobbin 7 Standard Core Sizes Fixed Pin Construction Low PCB Area Required Typical Pack Size 2000pcs PK Series COMPONENT OUTLINE The PK range of radial peaking coils from ECM are available in many sizes and configurations, the details on this page are only intended as a guide to the general performance of the range. PK0406 and PK0608 are available taped in lots of 3000pcs for auto insertion with the PKB types all having hard wire pins for the same purpose. Customers specifications are also welcome. INDUCTANCE RANGE AND DIMENSIONS ECM Type Inductance Range A (mm) B C D Pin Dia. PK0406 1.0uH ~ 25mH 8.0 5.0 15.0 2.5 0.55 PK0608 1.2mH ~ 150mH 10.0 7.0 15.0 3.0 0.65 PK0810 1.0mH ~ 8.2mH 12.0 9.0 15.0 5.0 0.65 PK1012 10mH ~ 100mH 15.0 12.0 15.0 6.0 0.80 PKB0804* 100uH ~ 15mH 8.9 10.0 4.0 5.0 0.70 PKB0809* 100uH ~ 36mH 14.0 10.0 4.0 5.0 0.70 PKB0865* 1.0uH ~ 470uH 11.5 10.0 4.0 5.0 0.70 * PKB types feature 0.7mm dia. hard wire pins |
Số phần tương tự - PKB0804-221 |
|
Mô tả tương tự - PKB0804-221 |