| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LW360Z bảng dữ liệu(PDF) 12 Page - Seoul Semiconductor |
|
|
|||||||||||||||||||||||||||||
LW360Z bảng dữ liệu(HTML) 12 Page - Seoul Semiconductor |
|
12 / 12 page ![]() Rev. 00 Rev. 00 December 2007 December 2007 www.ZLED.com www.ZLED.com <080924> Rev. 0.2 Document No. : SSC-QP-7-07-24 (Rev.00) 3) Static Electricity • Static Electricity and surge voltage damage the LEDs. So it is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. • All devices, equipment and machinery must be properly grounded. It is recommended precautions be taken against surge voltage to the equipment that mounts the LEDs. 4) Heat Generation • Thermal is one of the important parameter to design the end product. Please consider the heat generation of the LEDs. • The operating current should be decided after considering the ambient maximum temperature of LEDs. 5) Others • The color of the LEDs is changed a little by an operating current and thermal. • Anti radioactive ray design is not considered for the products listed here in. • Gallium arsenide is used in some of the products listed in this publication. These products are dangerous if they are burned or smashed in the process of disposal. It is also dangerous to drink the liquid or inhale the gas generated by such products when chemically disposed. • This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA(Isopropyl Alcohol) should be used. • When the LEDs are illuminating, operating current should be decided after considering the junction temperature. Cf.) Please refer Ambient temperature vs. Forward Current graph on page 5 • The appearance and specifications of the product may be modified for improvement without notice. SEOUL SEMICONDUCTOR CO., LTD. 148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL : +82-2-3281-6269 FAX :+82-2-857-5430 www.seoulsemicon.com www.zled.com |