công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB8020BIPHPR bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB8020BIPHPR
Giải thích chi tiết về linh kiện  TUSB8020B Two-Port USB 3.0 Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TUSB8020BIPHPR bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button TUSB8020BIPHPR Datasheet HTML 3Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 4Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 5Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 6Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 7Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 8Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 9Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 10Page - Texas Instruments TUSB8020BIPHPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Thd_io
Tsu_io
Td1
Td2
GRSTz
VDD33
VDD
MISC_IO
7
TUSB8020B
www.ti.com
SLLSEF6C – JULY 2014 – REVISED JUNE 2017
Product Folder Links: TUSB8020B
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Applies to external inputs and bidirectional buffers
(2)
Applies to external outputs and bidirectional buffers
(3)
Applies to GRSTz
(4)
Applies to pins with internal pullups/pulldowns
(5)
Applies to external input buffers
7.5 3.3-V I/O Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage(1)
VDD33
2
VDD33
V
VIL
Low-level input voltage(1)
VDD33
0
0.8
V
VI
Input voltage
0
VDD33
V
VO
Output voltage(2)
0
VDD33
V
tt
Input transition time (trise and tfall)
0
25
ns
Vhys
Input hysteresis(3)
0.13 ×
VDD33
V
VOH
High-level output voltage
VDD33
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
VDD33
IOL = 4 mA
0.4
V
IOZ
High-impedance, output current(2)
VDD33
VI = 0 to VDD33
±20
µA
IOZP
High-impedance, output current with
internal pullup or pulldown resistor(4)
VDD33
VI = 0 to VDD33
±225
µA
II
Input current(5)
VDD33
VI = 0 to VDD33
±15
µA
(1)
Miscellaneous pins sampled at deassertion of GRSTZ: FULLPWRMGMTz, GANGED, PWRCTL_POL, SMBUSz, BATEN1, and BATEN2
7.6 Power-Up Timing Requirements
MIN
TYP
MAX
UNIT
td1
VDD33 stable before VDD stable. No timing relationship between VDD33 and VDD
0
ms
td2
VDD and VDD33 stable before deassertion of GRSTZ.
3
ms
tsu_io
Setup for MISC inputs sampled at the deassertion of GRSTZ(1)
0.1
µs
thd_io
Hold for MISC inputs sampled at the deassertion of GRSTZ. (1)
0.1
µs
tVDD33_RAMP VDD33 supply ramp requirements
0.2
100
ms
tVDD_RAMP
VDD supply ramp requirements
0.2
100
ms
Figure 1. Power-Up Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com