công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMUX1219DBVRQ1 bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện TMUX1219DBVRQ1
Giải thích chi tiết về linh kiện  TMUX1219-Q1 5V Bidirectional, 2:1 General Purpose Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMUX1219DBVRQ1 bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button TMUX1219DBVRQ1 Datasheet HTML 16Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 17Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 18Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 19Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 20Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 21Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 22Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 23Page - Texas Instruments TMUX1219DBVRQ1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TMUX12xx family offers good system performance across a wide operating supply (1.08V to 5.5V). These
devices include 1.8V logic compatible control input pins that enable operation in systems with 1.8V I/O rails.
Additionally, the control input pin supports Fail-Safe Logic which allows for operation up to 5.5V, regardless
of the state of the supply pin. This protection stops the logic pins from back-powering the supply rail. These
features of the TMUX12xx, a family of general purpose multiplexers and switches, reduce system complexity,
board size, and overall system cost.
8.2 Typical Application
8.2.1 Switchable Operational Amplifier Gain Setting
One example application of the TMUX1219-Q1 is to change an Op Amp from unity gain setting to an inverting
amplifier configuration. Utilizing a switch allows a system to have a configurable gain and allows the same
architecture to be utilized across the board for various inputs to the system. Figure 8-1 shows the TMUX1219-Q1
configured for gain setting application.
TLV900 1
Inve rtin g
Input
Output
Unity Gain
R
R
TMUX121 9
1.8 V
S1
D
S2
SEL
Figure 8-1. Switchable Op Amp Gain Setting
8.2.1.1 Design Requirements
This design example uses the parameters listed in Table 8-1.
Table 8-1. Design Parameters
PARAMETERS
VALUES
Input Signal
0 V to 2.75 V
Mux Supply (VDD)
2.75 V
Op Amp Supply (V+/ V-)
±2.75 V
Mux I/O signal range
0 V to VDD (Rail to Rail)
Control logic thresholds
1.8 V compatible (up to 5.5V)
TMUX1219-Q1
SCDS480 – SEPTEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1219-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com