| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TZA3014HT bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TZA3014HT bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 28 page ![]() 2001 Jun 25 3 Philips Semiconductors Product specification 2.5 Gbits/s postamplifier with level detector TZA3014 BLOCK DIAGRAM handbook, full pagewidth MGU122 TZA3014 offset compensation offset compensation disable LOS output comparator 1 × level buffer cross-over switch (29) 23 amplifier OUT (30) 24 VCCB (35) 27 LOS (31) 25 GNDB (27) 21 VCCB (17) 14 Vref (28) 22 OUTQ LEVEL 12 (15) VCCA 1 LOSTH 10 (12) GNDA 32 (40) VCCA 4 MUTE 31 (39) TEST 15 (19) INV 29 (37) IN 2 INQ 3 BAND GAP REFERENCE (34) 26 RSSI 5 k Ω RSSI Fig.1 Block diagram. The numbers in parentheses refer to the pad numbers of the bare die version. |