công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LS00 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74LS00
Giải thích chi tiết về linh kiện  SNx400, SNx4LS00, and SNx4S00 Quadruple 2-Input Positive-NAND Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74LS00 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74LS00 Datasheet HTML 2Page - Texas Instruments SN74LS00 Datasheet HTML 3Page - Texas Instruments SN74LS00 Datasheet HTML 4Page - Texas Instruments SN74LS00 Datasheet HTML 5Page - Texas Instruments SN74LS00 Datasheet HTML 6Page - Texas Instruments SN74LS00 Datasheet HTML 7Page - Texas Instruments SN74LS00 Datasheet HTML 8Page - Texas Instruments SN74LS00 Datasheet HTML 9Page - Texas Instruments SN74LS00 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
SN5400, SN54LS00, SN54S00
SN7400, SN74LS00, SN74S00
SDLS025D – DECEMBER 1983 – REVISED MAY 2017
www.ti.com
Product Folder Links: SN5400 SN54LS00 SN54S00 SN7400 SN74LS00 SN74S00
Submit Documentation Feedback
Copyright © 1983–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.4 Thermal Information
THERMAL METRIC(1)(2)
SN74LS00
UNIT
D (SOIC)
DB (SSOP)
N (PDIP)
NS (SO)
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
90.9
102.8
54.8
89.7
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
51.9
53.3
42.1
48.1
°C/W
RθJB
Junction-to-board thermal resistance
48
53.4
34.8
50.1
°C/W
ψJT
Junction-to-top characterization parameter
18.6
16.5
26.9
16.7
°C/W
ψJB
Junction-to-board characterization parameter
47.8
52.9
34.7
49.8
°C/W
6.5 Electrical Characteristics: SNx400
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = MIN and II = –12 mA
–1.5
V
VOH
VCC = MIN, VIL = 0.8 V, and IOH = –0.4 mA
2.4
3.4
V
VOL
VCC = MIN, VIH = 2 V, and IOL = 16 mA
0.2
0.4
V
II
VCC = MAX and VI = 5.5 V
1
mA
IIH
VCC = MAX and VI = 2.4 V
40
µA
IIL
VCC = MAX and VI = 0.4 V
–1.6
mA
IOS
VCC = MAX
SN5400
–20
–55
mA
SN7400
–18
–55
ICCH
VCC = MAX and VI = 0 V
4
8
mA
ICCL
VCC = MAX and VI = 4.5 V
12
22
mA
6.6 Electrical Characteristics: SNx4LS00
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = MIN and II = –18 mA
–1.5
V
VOH
VCC = MIN, VIL = MAX, and IOH = –0.4 mA
2.5
3.4
V
VOL
VCC = MIN and VIH = 2 V
IOL = 4 mA
0.25
0.4
V
IOL = 8 mA (SN74LS00)
0.35
0.5
II
VCC = MAX and VI = 7 V
0.1
mA
IIH
VCC = MAX and VI = 2.7 V
20
µA
IIL
VCC = MAX and VI = 0.4 V
–0.4
mA
IOS
VCC = MAX
–20
–100
mA
ICCH
VCC = MAX and VI = 0 V
0.8
1.6
mA
ICCL
VCC = MAX and VI = 4.5 V
2.4
4.4
mA
6.7 Electrical Characteristics: SNx4S00
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
VCC = MIN and II = –18 mA
–1.2
V
VOH
VCC = MIN, VIL = 0.8 V, and IOH = –1 mA
2.5
3.4
V
VOL
VCC = MIN, VIH = 2 V, and IOL = 20 mA
0.5
V
II
VCC = MAX and VI = 5.5 V
1
mA
IIH
VCC = MAX and VI = 2.7 V
50
µA
IIL
VCC = MAX and VI = 0.5 V
–2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com