công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16F631 bảng dữ liệu(PDF) 74 Page - Microchip Technology

tên linh kiện 16F631
Giải thích chi tiết về linh kiện  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F631 bảng dữ liệu(HTML) 74 Page - Microchip Technology

Back Button 16F631 Datasheet HTML 70Page - Microchip Technology 16F631 Datasheet HTML 71Page - Microchip Technology 16F631 Datasheet HTML 72Page - Microchip Technology 16F631 Datasheet HTML 73Page - Microchip Technology 16F631 Datasheet HTML 74Page - Microchip Technology 16F631 Datasheet HTML 75Page - Microchip Technology 16F631 Datasheet HTML 76Page - Microchip Technology 16F631 Datasheet HTML 77Page - Microchip Technology 16F631 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 72
© 2007 Microchip Technology Inc.
4.4.3.2
RB5/AN11/RX/DT
Figure 4-8 shows the diagram for this pin. The
RB5/AN11/RX/DT(1,2) pin is configurable to function as
one of the following:
• a general purpose I/O
• an analog input for the ADC (except PIC16F631)
• an asynchronous serial input
• a synchronous serial data I/O
FIGURE 4-8:
BLOCK DIAGRAM OF RB5
Note 1: RX
and
DT
are
available
on
PIC16F687/PIC16F689/PIC16F690 only.
2: AN11 is not implemented on PIC16F631.
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPUB
RD
WPUB
RD PORTB
RD
PORTB
WR
PORTB
WR
TRISB
RD
TRISB
WR
IOCB
RD
IOCB
Interrupt-on-
To EUSART RX/DT
Analog(1)
Input Mode
RABPU
Analog(1)
Input Mode
Change
Q3
To A/D Converter(2)
SYNC
ST
EUSART
DT
SPEN
Available on PIC16F687/PIC16F689/PIC16F690 only.
Note
1:
ANSEL determines Analog Input mode.
2:
Not implemented on PIC16F631.
0
1
1
0
0
1
1
0
From
EUSART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More