| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F258-I/PSQTP bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-I/PSQTP bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 402 page ![]() © 2006 Microchip Technology Inc. DS41159E-page 21 PIC18FXX8 2.6.2 OSCILLATOR TRANSITIONS The PIC18FXX8 devices contain circuitry to prevent “glitches” when switching between oscillator sources. Essentially, the circuitry waits for eight rising edges of the clock source that the processor is switching to. This ensures that the new clock source is stable and that its pulse width will not be less than the shortest pulse width of the two clock sources. Figure 2-7 shows a timing diagram indicating the tran- sition from the main oscillator to the Timer1 oscillator. The Timer1 oscillator is assumed to be running all the time. After the SCS bit is set, the processor is frozen at the next occurring Q1 cycle. After eight synchronization cycles are counted from the Timer1 oscillator, operation resumes. No additional delays are required after the synchronization cycles. The sequence of events that takes place when switch- ing from the Timer1 oscillator to the main oscillator will depend on the mode of the main oscillator. In addition to eight clock cycles of the main oscillator, additional delays may take place. If the main oscillator is configured for an external crystal (HS, XT, LP), the transition will take place after an oscillator start-up time (TOST) has occurred. A timing diagram indicating the transition from the Timer1 oscillator to the main oscillator for HS, XT and LP modes is shown in Figure 2-8. FIGURE 2-7: TIMING DIAGRAM FOR TRANSITION FROM OSC1 TO TIMER1 OSCILLATOR FIGURE 2-8: TIMING DIAGRAM FOR TRANSITION BETWEEN TIMER1 AND OSC1 (HS, XT, LP) Q3 Q2 Q1 Q4 Q3 Q2 OSC1 Internal SCS (OSCCON<0>) Program PC + 2 PC Note 1: Delay on internal system clock is eight oscillator cycles for synchronization. Q1 T1OSI Q4 Q1 PC + 4 Q1 Tscs Clock Counter System Q2 Q3 Q4 Q1 TDLY TT1P TOSC 2 13 4 5 6 7 8 Q3 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 OSC1 Internal System SCS (OSCCON<0>) Program PC PC + 2 Note 1: TOST = 1024 TOSC (drawing not to scale). T1OSI Clock OSC2 TOST Q1 PC + 4 TT1P TOSC TSCS 12 3 4 5 6 7 8 Counter |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |