| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-E/SO bảng dữ liệu(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/SO bảng dữ liệu(HTML) 73 Page - Microchip Technology |
|
73 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 71 PIC16F631/677/685/687/689/690 4.4.3 PIN DESCRIPTIONS AND DIAGRAMS Each PORTB pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions such as the SSP, I2C™ or interrupts, refer to the appropriate section in this data sheet. 4.4.3.1 RB4/AN10/SDI/SDA Figure 4-7 shows the diagram for this pin. The RB4/AN10/SDI/SDA(1) pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • a SPI data I/O •an I2C data I/O FIGURE 4-7: BLOCK DIAGRAM OF RB4 Note 1: SDI and SDA are available on PIC16F687/PIC16F689/PIC16F690 only. I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUB RD WPUB RD PORTB RD PORTB WR PORTB WR TRISB RD TRISB WR IOCB RD IOCB Interrupt-on- To SSPSR Analog(1) Input Mode RABPU Analog(1) Input Mode Change Q3 To A/D Converter(2) ST SSPEN 0 1 1 0 Available on PIC16F677/PIC16F687/PIC16F689/PIC16F690 only. Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. 0 1 1 0 SSPSR From SSP |