| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F690-E/P bảng dữ liệu(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F690-E/P bảng dữ liệu(HTML) 23 Page - Microchip Technology |
|
23 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 21 PIC16F631/677/685/687/689/690 RB6/SCK/SCL RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. SCK ST CMOS SPI clock. SCL ST OD I2C™ clock. RB7/TX/CK RB7 TTL CMOS General purpose I/O. Individually controlled interrupt-on- change. Individually enabled pull-up. TX — CMOS EUSART asynchronous output. CK ST CMOS EUSART synchronous clock. RC0/AN4/C2IN+ RC0 ST CMOS General purpose I/O. AN4 AN — A/D Channel 4 input. C2IN+ AN — Comparator C2 positive input. RC1/AN5/C12IN1- RC1 ST CMOS General purpose I/O. AN5 AN — A/D Channel 5 input. C12IN1- AN — Comparator C1 or C2 negative input. RC2/AN6/C12IN2- RC2 ST CMOS General purpose I/O. AN6 AN — A/D Channel 6 input. C12IN2- AN — Comparator C1 or C2 negative input. RC3/AN7/C12IN3- RC3 ST CMOS General purpose I/O. AN7 AN — A/D Channel 7 input. C12IN3- AN — Comparator C1 or C2 negative input. RC4/C2OUT RC4 ST CMOS General purpose I/O. C2OUT — CMOS Comparator C2 output. RC5 RC5 ST CMOS General purpose I/O. RC6/AN8/SS RC6 ST CMOS General purpose I/O. AN8 AN — A/D Channel 8 input. SS ST — Slave Select input. RC7/AN9/SDO RC7 ST CMOS General purpose I/O. AN9 AN — A/D Channel 9 input. SDO — CMOS SPI data output. VSS VSS Power — Ground reference. VDD VDD Power — Positive supply. TABLE 1-4: PINOUT DESCRIPTION – PIC16F687/PIC16F689 (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels HV = High Voltage XTAL = Crystal |