công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913-E/SP bảng dữ liệu(PDF) 49 Page - Microchip Technology

tên linh kiện PIC16F913-E/SP
Giải thích chi tiết về linh kiện  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/SP bảng dữ liệu(HTML) 49 Page - Microchip Technology

Back Button PIC16F913-E/SP Datasheet HTML 45Page - Microchip Technology PIC16F913-E/SP Datasheet HTML 46Page - Microchip Technology PIC16F913-E/SP Datasheet HTML 47Page - Microchip Technology PIC16F913-E/SP Datasheet HTML 48Page - Microchip Technology PIC16F913-E/SP Datasheet HTML 49Page - Microchip Technology PIC16F913-E/SP Datasheet HTML 50Page - Microchip Technology PIC16F913-E/SP Datasheet HTML 51Page - Microchip Technology PIC16F913-E/SP Datasheet HTML 52Page - Microchip Technology PIC16F913-E/SP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 330 page
background image
© 2007 Microchip Technology Inc.
DS41250F-page 47
PIC16F913/914/916/917/946
3.2.1.3
RA2/AN2/C2+/VREF-/COM2
Figure 3-3 shows the diagram for this pin. The RA2 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• an analog input for Comparator C2
• a voltage reference input for the ADC
• an analog output for the LCD
FIGURE 3-3:
BLOCK DIAGRAM OF RA2
Q
D
Q
CK
Data Latch
TRIS Latch
RD TRISA
RD PORTA
Q
D
Q
CK
To A/D Converter and Comparator
COM2
Data Bus
WR PORTA
WR TRISA
To A/D Module VREF- Input
Analog Input or
I/O Pin
TTL
Input Buffer
LCDEN and
LMUX<1:0> = 1X
LCDEN and
LMUX<1:0> = 1X
LCDEN and
LMUX<1:0> = 1X
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More