| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-E/P bảng dữ liệu(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/P bảng dữ liệu(HTML) 82 Page - Microchip Technology |
|
82 / 288 page ![]() PIC16F882/883/884/886/887 DS41291D-page 80 Preliminary © 2007 Microchip Technology Inc. TABLE 6-1: SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets CM2CON1 MC1OUT MC2OUT C1RSEL C2RSEL — — T1GSS C2SYNC 0000 --10 0000 --10 INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000x PIE1 — ADIE RCIE TXIE SSPIE CCP1IE TMR2IE TMR1IE -000 0000 -000 0000 PIR1 — ADIF RCIF TXIF SSPIF CCP1IF TMR2IF TMR1IF -000 0000 -000 0000 TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu T1CON T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 uuuu uuuu Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1 module. |