| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F2012A-20E/ML bảng dữ liệu(PDF) 185 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A-20E/ML bảng dữ liệu(HTML) 185 Page - Microchip Technology |
|
185 / 205 page ![]() © 2006 Microchip Technology Inc. DS70139E-page 183 dsPIC30F2011/2012/3012/3013 21.0 PACKAGING INFORMATION 21.1 Package Marking Information XXXXXXXXXXXXXXXXX YYWWNNN 28-Lead SPDIP Example XXXXXXXXXXXXXXXXX 18-Lead PDIP Example XXXXXXXXXXXXXXXXX XXXXXXXXXXXXXXXXX YYWWNNN dsPIC30F3012 0610017 Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e dsPIC30F2012 0610017 30I/SP 3 e 30I/P 3 e 18-Lead SOIC Example YYWWNNN XXXXXXXXXXXX XXXXXXXXXXXX XXXXXXXXXXXX 0610017 30I/SO dsPIC30F2011 3 e |