| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F2012A-20E/ML bảng dữ liệu(PDF) 34 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A-20E/ML bảng dữ liệu(HTML) 34 Page - Microchip Technology |
|
34 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 32 © 2006 Microchip Technology Inc. FIGURE 3-6: DATA SPACE WINDOW INTO PROGRAM SPACE OPERATION 23 15 0 PSVPAG(1) 15 15 EA<15> = 0 EA<15> = 1 16 Data Space EA Data Space Program Space 8 15 23 0x0000 0x8000 0xFFFF 0x00 0x001FFF Data Read Upper Half of Data Space is Mapped into Program Space 0x001200 Address Concatenation BSET CORCON,#2 ; Set PSV bit MOV #0x0, W0 ; Set PSVPAG register MOV W0, PSVPAG MOV 0x9200, W0 ; Access program memory location ; using a data space access Note 1: PSVPAG is an 8-bit register, containing bits <22:15> of the program space address. 0x000000 |