| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F616-E/P bảng dữ liệu(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/P bảng dữ liệu(HTML) 40 Page - Microchip Technology |
|
40 / 180 page ![]() PIC16F610/616/16HV610/616 DS41288C-page 38 Preliminary © 2007 Microchip Technology Inc. 4.2.4.6 RA5/T1CKI/OSC1/CLKIN Figure 4-5 shows the diagram for this pin. The RA5 pin is configurable to function as one of the following: • a general purpose I/O • a Timer1 clock input • a crystal/resonator connection • a clock input FIGURE 4-5: BLOCK DIAGRAM OF RA5 VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA To Timer1 INTOSC Mode RD PORTA INTOSC Mode RAPU OSC2 Note 1: Timer1 LP Oscillator enabled. 2: Set has priority over Reset. TMR1LPEN(1) Oscillator Circuit Q1 I/O Pin Interrupt-on- Change S(2) R Q From other RA<4:0> pins Write ‘0’ to RAIF |