| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F913-I/PT bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913-I/PT bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 330 page ![]() © 2007 Microchip Technology Inc. DS41250F-page 19 PIC16F913/914/916/917/946 RB1/SEG1 RB1 TTL CMOS General purpose I/O. Individually enabled pull-up. SEG1 — AN LCD analog output. RB2/SEG2 RB2 TTL CMOS General purpose I/O. Individually enabled pull-up. SEG2 — AN LCD analog output. RB3/SEG3 RB3 TTL CMOS General purpose I/O. Individually enabled pull-up. SEG3 — AN LCD analog output. RB4/COM0 RB4 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. COM0 — AN LCD analog output. RB5/COM1 RB5 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. COM1 — AN LCD analog output. RB6/ICSPCLK/ICDCK/SEG14 RB6 TTL CMOS General purpose I/O. Individually controlled interrupt-on-change. Individually enabled pull-up. ICSPCLK ST — ICSP™ clock. ICDCK ST — ICD clock. SEG14 — AN LCD analog output. RB7/ICSPDAT/ICDDAT/SEG13 RB7 TTL CMOS General purpose I/O. Individually controlled inter- rupt-on-change. Individually enabled pull-up. ICSPDAT ST CMOS ICSP Data I/O. ICDDAT ST CMOS ICD Data I/O. SEG13 — AN LCD analog output. RC0/VLCD1 RC0 ST CMOS General purpose I/O. VLCD1 AN — LCD analog input. RC1/VLCD2 RC1 ST CMOS General purpose I/O. VLCD2 AN — LCD analog input. RC2/VLCD3 RC2 ST CMOS General purpose I/O. VLCD3 AN — LCD analog input. RC3/SEG6 RC3 ST CMOS General purpose I/O. SEG6 — AN LCD analog output. RC4/T1G/SDO/SEG11 RC4 ST CMOS General purpose I/O. T1G ST — Timer1 gate input. SDO — CMOS Serial data output. SEG11 — AN LCD analog output. RC5/T1CKI/CCP1/SEG10 RC5 ST CMOS General purpose I/O. T1CKI ST — Timer1 clock input. CCP1 ST CMOS Capture 1 input/Compare 1 output/PWM 1 output. SEG10 — AN LCD analog output. TABLE 1-1: PIC16F91X/946 PINOUT DESCRIPTIONS (CONTINUED) Name Function Input Type Output Type Description Legend: AN = Analog input or output CMOS = CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels P = Power HV = High Voltage XTAL = Crystal Note 1: COM3 is available on RA3 for the PIC16F913/916 and on RD0 for the PIC16F914/917 and PIC16F946. 2: Pins available on PIC16F914/917 and PIC16F946 only. 3: Pins available on PIC16F946 only. 4: I2C Schmitt trigger inputs have special input levels. |