| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F258-E/PTSQTP bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/PTSQTP bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 402 page ![]() PIC18FXX8 DS41159E-page 10 © 2006 Microchip Technology Inc. TABLE 1-2: PIC18FXX8 PINOUT I/O DESCRIPTIONS Pin Name Pin Number Pin Type Buffer Type Description PIC18F248/258 PIC18F448/458 SPDIP, SOIC PDIP TQFP PLCC MCLR/VPP MCLR VPP 11 18 2 I P ST — Master Clear (input) or programming voltage (output). Master Clear (Reset) input. This pin is an active low Reset to the device. Programming voltage input. NC — — 12, 13, 33, 34 1, 17, 28, 40 — — These pins should be left unconnected. OSC1/CLKI OSC1 CLKI 9 133014 I I CMOS/ST CMOS Oscillator crystal or external clock input. Oscillator crystal input or external clock source input. ST buffer when configured in RC mode; otherwise, CMOS. External clock source input. Always associated with pin function OSC1 (see OSC1/ CLKI, OSC2/CLKO pins). OSC2/CLKO/RA6 OSC2 CLKO RA6 10 14 31 15 O O I/O — — TTL Oscillator crystal or clock output. Oscillator crystal output. Connects to crystal or resonator in Crystal Oscillator mode. In RC mode, OSC2 pin outputs CLKO, which has 1/4 the frequency of OSC1 and denotes the instruction cycle rate. General purpose I/O pin. Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open-Drain (no P diode to VDD) |