công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F913-E/P bảng dữ liệu(PDF) 84 Page - Microchip Technology

tên linh kiện PIC16F913-E/P
Giải thích chi tiết về linh kiện  28/40/44/64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913-E/P bảng dữ liệu(HTML) 84 Page - Microchip Technology

Back Button PIC16F913-E/P Datasheet HTML 80Page - Microchip Technology PIC16F913-E/P Datasheet HTML 81Page - Microchip Technology PIC16F913-E/P Datasheet HTML 82Page - Microchip Technology PIC16F913-E/P Datasheet HTML 83Page - Microchip Technology PIC16F913-E/P Datasheet HTML 84Page - Microchip Technology PIC16F913-E/P Datasheet HTML 85Page - Microchip Technology PIC16F913-E/P Datasheet HTML 86Page - Microchip Technology PIC16F913-E/P Datasheet HTML 87Page - Microchip Technology PIC16F913-E/P Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 330 page
background image
PIC16F913/914/916/917/946
DS41250F-page 82
© 2007 Microchip Technology Inc.
3.8.1
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTF pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions,
refer to the appropriate section in this data sheet.
3.8.1.1
RF0/SEG32
Figure 3-29 shows the diagram for this pin. The RF0
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.8.1.2
RF1/SEG33
Figure 3-29 shows the diagram for this pin. The RF1
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.8.1.3
RF2/SEG34
Figure 3-29 shows the diagram for this pin. The RF2
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.8.1.4
RF3/SEG35
Figure 3-29 shows the diagram for this pin. The RF3
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.8.1.5
RF4/SEG28
Figure 3-29 shows the diagram for this pin. The RF4
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.8.1.6
RF5/SEG29
Figure 3-29 shows the diagram for this pin. The RF5
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.8.1.7
RF6/SEG30
Figure 3-29 shows the diagram for this pin. The RF6
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD
3.8.1.8
RF7/SEG31
Figure 3-29 shows the diagram for this pin. The RF7
pin is configurable to function as one of the following:
• a general purpose I/O
• an analog output for the LCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More