| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F685-I/SOSQTP bảng dữ liệu(PDF) 81 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-I/SOSQTP bảng dữ liệu(HTML) 81 Page - Microchip Technology |
|
81 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 79 PIC16F631/677/685/687/689/690 4.5.7 RC6/AN8/SS The RC6/AN8/SS(1,2) is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • a slave select input FIGURE 4-15: BLOCK DIAGRAM OF RC6 4.5.8 RC7/AN9/SDO The RC7/AN9/SDO(1,2) is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • a serial data output FIGURE 4-16: BLOCK DIAGRAM OF RC7 Note 1: SS is available on PIC16F687/PIC16F689/PIC16F690 only. 2: AN8 is not implemented on PIC16F631. VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter(2) RD PORTC Analog Input Mode(1) To SS Input Available on PIC16F685/PIC16F690 only. Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. I/O Pin Note 1: SDO is available on PIC16F687/ PIC16F689/PIC16F690 only. 2: AN9 is not implemented on PIC16F631. 0 1 1 0 SDO PORT/SDO VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter(2) RD PORTC Analog Input Mode(1) Available on PIC16F685/PIC16F690 only. Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. I/O Pin Select |