| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STSAFE-A120 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSAFE-A120 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 38 page ![]() Figure 11. Host secure channel setup case for plaintext host keys provisioning IoT device Local host I2C STSAFE-A120 Requests 128-bit random number for host’s C-MAC key Stores keys securely Requests 128-bit random number for host’s cypher key 1. Generate random (16 bytes) 128-bit random 2. Generate random (16 bytes) 128-bit random Concatenates host’s C-MAC and cypher key 3. Put attribute (Host key, concatenated keys, key slot number) Checks that host’s key slots are empty and store received keys OK Operation to be done in a trusted environment STSAFE-A120 Pairing with local host DS14609 - Rev 1 page 13/38 |