| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSPIC30F2012A-30I/SP bảng dữ liệu(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F2012A-30I/SP bảng dữ liệu(HTML) 44 Page - Microchip Technology |
|
44 / 205 page ![]() dsPIC30F2011/2012/3012/3013 DS70139E-page 42 © 2006 Microchip Technology Inc. 4.1.3 MOVE AND ACCUMULATOR INSTRUCTIONS Move instructions and the DSP accumulator class of instructions provide a greater degree of addressing flexibility than other instructions. In addition to the addressing modes supported by most MCU instruc- tions, move and accumulator instructions also support Register Indirect with Register Offset Addressing mode, also referred to as Register Indexed mode. In summary, the following addressing modes are supported by move and accumulator instructions: • Register Direct • Register Indirect • Register Indirect Post-modified • Register Indirect Pre-modified • Register Indirect with Register Offset (Indexed) • Register Indirect with Literal Offset • 8-bit Literal • 16-bit Literal 4.1.4 MAC INSTRUCTIONS The dual source operand DSP instructions (CLR, ED, EDAC, MAC, MPY, MPY.N, MOVSAC and MSC), also referred to as MAC instructions, utilize a simplified set of addressing modes to allow the user to effectively manipulate the data pointers through register indirect tables. The two source operand prefetch registers must belong to the set {W8, W9, W10, W11}. For data reads, W8 and W9 are always directed to the X RAGU. W10 and W11 are always directed to the Y AGU. The effective addresses generated (before and after modification) must, therefore, be valid addresses within X data space for W8 and W9 and Y data space for W10 and W11. In summary, the following addressing modes are supported by the MAC class of instructions: • Register Indirect • Register Indirect Post-modified by 2 • Register Indirect Post-modified by 4 • Register Indirect Post-modified by 6 • Register Indirect with Register Offset (Indexed) 4.1.5 OTHER INSTRUCTIONS Besides the various addressing modes outlined above, some instructions use literal constants of various sizes. For example, BRA (branch) instructions use 16-bit signed literals to specify the branch destination directly, whereas the DISI instruction uses a 14-bit unsigned literal field. In some instructions, such as ADD Acc, the source of an operand or result is implied by the opcode itself. Certain operations, such as NOP, do not have any operands. 4.2 Modulo Addressing Modulo Addressing is a method of providing an auto- mated means to support circular data buffers using hardware. The objective is to remove the need for soft- ware to perform data address boundary checks when executing tightly looped code, as is typical in many DSP algorithms. Modulo Addressing can operate in either data or pro- gram space (since the data pointer mechanism is essentially the same for both). One circular buffer can be supported in each of the X (which also provides the pointers into program space) and Y data spaces. Mod- ulo Addressing can operate on any W register pointer. However, it is not advisable to use W14 or W15 for Mod- ulo Addressing since these two registers are used as the Stack Frame Pointer and Stack Pointer, respec- tively. In general, any particular circular buffer can only be configured to operate in one direction, as there are cer- tain restrictions on the buffer Start address (for incre- menting buffers), or end address (for decrementing buffers) based upon the direction of the buffer. The only exception to the usage restrictions is for buff- ers that have a power-of-2 length. As these buffers sat- isfy the Start and end address criteria, they can operate in a Bidirectional mode (i.e., address boundary checks are performed on both the lower and upper address boundaries). Note: For the MOV instructions, the addressing mode specified in the instruction can differ for the source and destination EA. However, the 4-bit Wb (register offset) field is shared between both source and destination (but typically only used by one). Note: Not all instructions support all the address- ing modes given above. Individual instructions may support different subsets of these addressing modes. Note: Register Indirect with Register Offset addressing is only available for W9 (in X space) and W11 (in Y space). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |