| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DDG-SJS-Q2 bảng dữ liệu(PDF) 8 Page - DOMINANT Semiconductors |
|
|
|||||||||||||||||||||||||||||
DDG-SJS-Q2 bảng dữ liệu(HTML) 8 Page - DOMINANT Semiconductors |
|
8 / 16 page ![]() Relative Luminous Intensity Vs Forward Current Forward Current, mA 0 10 20 30 40 50 60 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 Forward Current Vs Forward Voltage Forward Voltage, V 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 5 10 15 20 25 30 Maximum Current Vs Temperature Ambient Temperature 0 10 20 30 40 50 60 70 80 90 100 0 5 10 15 20 25 30 35 Relative Intensity Vs Wavelength Wavelength, nm 500 600 700 800 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 Allowable Forward Current Vs Duty Ratio (Ta= 25 Deg C) Duty Ratio, % 1 10 100 10 100 1000 10000 07/06/2007 V10.0 8 AllnGap : DDx-xJS DOMINANT TM Semiconductors Innovating Illumination 0.2 70° 90° 80° 0 60° 50° 40° 30° 20° 0.6 0.4 1.0 0.8 10° 0° Radiation Pattern AS AlInGaP Pure Green Green Yellow Orange Amber Red Super Red Hyper Red TS AlInGaP DDx-SJS/DDx-TJS DDx-CJS |