| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F883-E/PTSQTP bảng dữ liệu(PDF) 142 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/PTSQTP bảng dữ liệu(HTML) 142 Page - Microchip Technology |
|
142 / 288 page ![]() PIC16F882/883/884/886/887 DS41291D-page 140 Preliminary © 2007 Microchip Technology Inc. 11.6.3 START-UP CONSIDERATIONS When any PWM mode is used, the application hardware must use the proper external pull-up and/or pull-down resistors on the PWM output pins. The CCP1M<1:0> bits of the CCP1CON register allow the user to choose whether the PWM output signals are active-high or active-low for each pair of PWM output pins (P1A/P1C and P1B/P1D). The PWM output polarities must be selected before the PWM pin output drivers are enabled. Changing the polarity configuration while the PWM pin output drivers are enable is not recommended since it may result in damage to the application circuits. The P1A, P1B, P1C and P1D output latches may not be in the proper states when the PWM module is initialized. Enabling the PWM pin output drivers at the same time as the Enhanced PWM modes may cause damage to the application circuit. The Enhanced PWM modes must be enabled in the proper Output mode and complete a full PWM cycle before enabling the PWM pin output drivers. The completion of a full PWM cycle is indicated by the TMR2IF bit of the PIR1 register being set as the second PWM period begins. Note: When the microcontroller is released from Reset, all of the I/O pins are in the high-impedance state. The external cir- cuits must keep the power switch devices in the Off state until the microcontroller drives the I/O pins with the proper signal levels or activates the PWM output(s). |